Part Number Hot Search : 
LC1200 BU2050F1 2SK3335 HMC307 GF10D TEVAL HT162609 W6612
Product Description
Full Text Search
 

To Download SR880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
SR820 THRU SR8100
FEATURES
*
VOLTAGE RANGE CURRENT
20 to 100 Volts 8.0 Amperes
* * * * *
Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss, high efficiency Low forward voltage, high current capability High surge capacity. For use in low voltage, high frequency inverters Free wheeling, and polarlity protection applications
TO-220AC
MECHANICAL DATA
* * * *
Case: TO-220AC molded plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: position: Any Weight: 0.08ounce, 2.24 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS
SR 820 SR
830
SR
835
SR
840
SR
845
SR
850
SR
860
SR
880
SR
8100
SR
8150
SR
8200
UNIT Volts Volts Volts Amps Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current At Tc=100 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 8.0A per element Maximum DC Reverse Current at rated TC = 25 DC Blocking Voltage per element TC = 100 Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Storage and storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJTSTG
20 14 20
30 21 30
35 25 35
40 28 40
45 32 45
50 35 50 8.0 150
60 42 60
80 56 80
100 70 100
150 105 150
200 140 200
0.65
0.75 0.5 50 400 2.0 (-55 to +150)
0.85
Volts A pF
/W
Notes: 1. Thermal Resistance Junction to CASE 2. Measured at VR =4v and f=1MHz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SCHOTTKY BARRIER RECTIFIER
SR820 THRU SR8100
VOLTAGE RANGE CURRENT
20 to 100 Volts 8.0 Amperes
RATING AND CHRACTERISTIC CURVES SR820 THRU SB8100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
10 40
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERSTIC
20,30,40V
20 10 8 6 4
8
INSTNTANCEOUS FORWARD CURRENT,
AVERAGE FORWARD CURRENT,
80,100V
AMPERES
AMPERES
6
2 1.0 0.8 0.6 0.4 0.2 0.1 0.4
50,60V
4
2
Tj =25 Pulse Width=200s
0
0
50
CASE TEMPERATRUE ( )
100
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
INSTANTANEOUS FORWART VOLTAGE,VOLTS
FIG.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
150
FIG.2-TYPICAL REVERSE CHARACTERISTICS
100
130
8.3ms Single Half Sine-Wave JEDEC Method
110
PEAK FORWARD SURGE
TC=100
CURRENT,AMPERES
90
70
INSTANTANEOUS REVERSE CURRENT, MILIAMPERES
50
10
30
20
TC=75
0 1 1.0 2 5 10 20 50 100
NUMBER OF CYCLES AT 60 Hz
FIG.5-TYPICAL JUNCTION CAPACITANCE
TC=25
400
CAPACITANCE,pF
0.1
350
300
250
TJ =25
200
0.01
0
100
120
200
300
150
REVERSE VOLTAGE VOLTS
1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE,VOLTS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SR880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X